Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25010LET3 Datasheet(PDF) 16 Page - Catalyst Semiconductor

Part # CAT25010LET3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010LET3 Datasheet(HTML) 16 Page - Catalyst Semiconductor

Back Button CAT25010LET3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 14Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 15Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 16Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 17Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
CAT25010, CAT25020, CAT25040
© Catalyst Semiconductor, Inc.
16
Doc. No. MD-1006 Rev. T
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)(2)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT25040VI-GT3 (SOIC, Industrial Temperature, NiPdAu, Tape & Reel).
(4) For availabitily, please contact your nearest Catalyst Semiconductor Sales office.
Prefix
Device #
Suffix
CAT
25040
V
I
-G
T3
Company ID
Product Number
25010: 1-Kb
25020: 2-Kb
25040: 4-Kb
Temperature Range
I = Industrial (-40ºC to +85ºC)
E = Extended (-40ºC to +125ºC)
Lead Finish
G: NiPdAu
Blank: Matte-Tin
Package
L: PDIP
V: SOIC, JEDEC
Y: TSSOP
VP2: TDFN (2 x 3mm)
Z: MSOP
(4)
Tape & Reel
T: Tape & Reel
3: 3000 units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com