Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR230LSFT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR230LSFT1
Description  SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR230LSFT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR230LSFT1 Datasheet HTML 1Page - ON Semiconductor MBR230LSFT1 Datasheet HTML 2Page - ON Semiconductor MBR230LSFT1 Datasheet HTML 3Page - ON Semiconductor MBR230LSFT1 Datasheet HTML 4Page - ON Semiconductor MBR230LSFT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR230LSFT1
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Average Rectified Forward Current (At Rated VR, TL = 105°C)
IO
2.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 100 kHz, TL = 95°C)
IFRM
4.0
A
Non-Repetitive Peak Surge Current
(Non-Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
40
A
Storage Temperature
Tstg
-55 to 150
°C
Operating Junction Temperature
TJ
-55 to 125
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Lead (Note 1)
Thermal Resistance, Junction-to-Lead (Note 2)
Thermal Resistance, Junction-to-Ambient (Note 1)
Thermal Resistance, Junction-to-Ambient (Note 2)
Rtjl
Rtjl
Rtja
Rtja
26
21
325
82
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Mounted with minimum recommended pad size, PC Board FR4.
2. Mounted with 1 in. copper pad (Cu area 700 mm2).
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
VF
TJ = 25°C
TJ = 100°C
V
(IF = 1.0 A)
(IF = 2.0 A)
0.38
0.43
0.30
0.37
Maximum Instantaneous Reverse Current (Note 3)
IR
TJ = 25°C
TJ = 100°C
mA
(VR = 30 V)
1.0
25
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com