Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML0308 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML0308
Description  Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML0308 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML0308 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 9Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ML0308 Preliminary
______________________________________________________________________________________________________
2/9
Rev. B, July 2005
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2: The ML0308 is guaranteed to meet performance specifications from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation with statistical process controls.
Note 3: If Lx pin exceeds the voltage limit, the ML0308 will stop switching for about 40us.
ELECTRICAL CHARACTERISTICS The “X” denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.0V, VCE = 3.0V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
2.7
5.5
V
Quiescent Current
Non-switching
VCE = 0V
100
150
0.1
uA
uA
ML0308A
X
186
198
210
mV
Feedback Voltage
ML0308B
X
1.205
1.230
1.255
V
Lx Leakage Current
VCE = 0V , VLX = 5.5V
0.1
1.0
uA
Lx ON Resistance
VIN = 3.0V, IDS=100mA
Ω
Lx Current Limit
180
250
mA
Lx Voltage Limit (Note 3)
16.5
17.5
V
Switching Frequency
0.9
1.2
1.5
MHz
Duty Ratio
X
72
75
78
%
CE Pin Input High Voltage
1.5
V
CE Pin Input LOW Voltage
0.3
V
ABSOLUTE MAXIMUM RATINGS
VIN, FB, CE voltage
6.0V
LX Voltage
18.0V
Junction Temperature
125°C
Operating Temperature
(Note 2)
-30°C to 85°C
Storage Temperature
-40°C to 150°C
Lead Temperature
(soldering 10 seconds)
300°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ML0308AMRG
ML0308BMRG
PART MARKING
L30C (ML0308AMRG)
L36A (ML0308BMRG)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com