Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML0308AMRG Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML0308AMRG
Description  Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML0308AMRG Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML0308AMRG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 6Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 7Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 8Page - Minilogic Device Corporation Limited ML0308AMRG Datasheet HTML 9Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ML0308 Preliminary
______________________________________________________________________________________________________
3/9
Rev. B, July 2005
PIN FUNCTION DESCRIPTION
Pin
Description
LX
(Pin 1)
Switch Pin. This is the drain of the internal power MOSFET. Minimize the metal trace area
connected to this pin to minimize EMI.
GND
(Pin 2)
Ground. Tie this pin directly to the local ground plane.
FB
(Pin 3)
Feedback Pin. Set the output voltage by selecting values for R1 and R2:
V
R
R
R
VOUT
198
.
0
2
2
1
×
+
=
(ML0308A) or
V
R
R
R
VOUT
23
.
1
2
2
1
×
+
=
(ML0308B)
CE
(Pin 4)
This pin is the chip-enable Pin. Ground this pin to shutdown the chip. Apply a clock with
different duty ratio to control brightness of the LEDs.
VIN
(Pin 5)
The external voltage supply is connected to this pin. A high quality reservoir capacitor must
be connected across pin 5 and pin 2 (ground) to achieve the specified output voltage
parameters. A 4.7uF/6.3 V, low ESR capacitor must be connected as close as possible across
pin 5 and pin 2 (ground).
BLOCK DIAGRAM – ML0308A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com