Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT303 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AT303
Description  PHASE CONTROL THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT303 Datasheet(HTML) 1 Page - Power Semiconductors

  AT303 Datasheet HTML 1Page - Power Semiconductors AT303 Datasheet HTML 2Page - Power Semiconductors AT303 Datasheet HTML 3Page - Power Semiconductors AT303 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHASE CONTROL THYRISTOR
AT303
Repetitive voltage up to
800 V
Mean on-state current
1100 A
Surge current
12 kA
FINAL SPECIFICATION
feb 97 - ISSUE : 02
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
150
800
V
V RSM
Non-repetitive peak reverse voltage
150
900
V
V DRM
Repetitive peak off-state voltage
150
800
V
I RRM
Repetitive peak reverse current
V=VRRM
150
50
mA
I DRM
Repetitive peak off-state current
V=VDRM
150
50
mA
CONDUCTING
I T (AV)
Mean on-state current
180° sin, 50 Hz, Th=55°C, double side cooled
1100
A
I T (AV)
Mean on-state current
180° sin, 50 Hz, Tc=85°C, double side cooled
1085
A
I TSM
Surge on-state current
sine wave, 10 ms
150
12
kA
I² t
I² t
without reverse voltage
720 x1E3
A²s
V T
On-state voltage
On-state current =
1900 A
25
1.45
V
V T(TO)
Threshold voltage
150
0.8
V
r T
On-state slope resistance
150
0.340
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 1200 A, gate 10V 5ohm
150
200
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 75% of VDRM
150
500
V/µs
td
Gate controlled delay time, typical
VD=200V, gate source 20V, 10 ohm , tr=.5 µs
25
1.5
µs
tq
Circuit commutated turn-off time, typical
dV/dt = 20 V/µs linear up to 80% VDRM
µs
Q rr
Reverse recovery charge
di/dt=-60 A/µs, I= 1000 A
150
µC
I rr
Peak reverse recovery current
VR= 50 V
A
I H
Holding current, typical
VD=5V, gate open circuit
25
300
mA
I L
Latching current, typical
VD=12V, tp=30µs
25
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3.5
V
I GT
Gate trigger current
VD=5V
25
200
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
150
0.25
V
V FGM
Peak gate voltage (forward)
30
V
I FGM
Peak gate current
10
A
V RGM
Peak gate voltage (reverse)
5
V
P GM
Peak gate power dissipation
Pulse width 100 µs
150
W
P G
Average gate power dissipation
2
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
50
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
15
°C/kW
T j
Operating junction temperature
-30 / 150
°C
F
Mounting force
8.0 / 9.0
kN
Mass
85
g
ORDERING INFORMATION : AT303 S 08
standard specification
VDRM&VRRM/100
Via N. Lorenzi 8 - I 16152 GENOVA - ITALY
Tel. int. +39/(0)10 6556549 - (0)10 6556488
Fax Int. +39/(0)10 6442510
Tx 270318 ANSUSE I -
ANSALDO
Ansaldo Trasporti s.p.a.
Unita' Semiconduttori


Similar Part No. - AT303

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AT30 KNOWLES-AT30 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Power Semiconductors
AT302 POSEICO-AT302 Datasheet
43Kb / 4P
PHASE CONTROL THYRISTOR
AT302S08 POSEICO-AT302S08 Datasheet
43Kb / 4P
PHASE CONTROL THYRISTOR
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
AT30TS00-MAH-T ATMEL-AT30TS00-MAH-T Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
More results

Similar Description - AT303

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com