Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5246B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMSZ5246B
Description  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMSZ5246B Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMSZ5246B Datasheet HTML 1Page - Diotec Semiconductor MMSZ5246B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMSZ5225B ... MMSZ5267B (500 mW)
MMSZ5225B ... MMSZ5267B (500 mW)
Surface mount Silicon Planar Zener Diodes
Silizium-Planar-Zener-Dioden für die Oberflächenmontage
Version 2006-10-26
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
500 mW
Nominal Z-voltage
Nominale Z-Spannung
3...75 V
Plastic case
Kunststoffgehäuse
SOD-123
Weight approx.
Gewicht ca.
0.01 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~ ±5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~ ±5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
MMSZ5225B-series
Power dissipation
Verlustleistung
TA = 25°C
Ptot
500 mW 1)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 300 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 240 K/W
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.6
3.8
2.7
0.1
Type
Code


Similar Part No. - MMSZ5246B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5246B PANJIT-MMSZ5246B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5246B FAIRCHILD-MMSZ5246B Datasheet
158Kb / 5P
5% TOLERANCE
logo
Diodes Incorporated
MMSZ5246B DIODES-MMSZ5246B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5246B MCC-MMSZ5246B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5246B DIOTEC-MMSZ5246B Datasheet
54Kb / 2P
Surface mount Zener Diodes
More results

Similar Description - MMSZ5246B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
Surface mount Silicon Planar Zener Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
Surface Mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_07 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
Surface Mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com