Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT12A
Description  212 Series of Encoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT12A Datasheet HTML 1Page - Holtek Semiconductor Inc HT12A Datasheet HTML 2Page - Holtek Semiconductor Inc HT12A Datasheet HTML 3Page - Holtek Semiconductor Inc HT12A Datasheet HTML 4Page - Holtek Semiconductor Inc HT12A Datasheet HTML 5Page - Holtek Semiconductor Inc HT12A Datasheet HTML 6Page - Holtek Semiconductor Inc HT12A Datasheet HTML 7Page - Holtek Semiconductor Inc HT12A Datasheet HTML 8Page - Holtek Semiconductor Inc HT12A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings
Supply Voltage (HT12A) ............VSS
-0.3V to VSS+5.5V
Supply Voltage (HT12E) ...........................
-0.3V to 13V
Input Voltage ................................VSS
-0.3 to VDD+0.3V
Storage Temperature ............................
-50°Cto125°C
Operating Temperature ...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
HT12A
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
5
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
5V
¾
0.1
1
mA
IDD
Operating Current
3V
No load
fOSC=455kHz
¾
200
400
mA
5V
¾
400
800
mA
IDOUT
Output Drive Current
5V
VOH=0.9VDD (Source)
-1
-1.6
¾
mA
VOL=0.1VDD (Sink)
2
3.2
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
RDATA
D8~D11 Pull-high
Resistance
5V
VDATA=0V
¾
150
300
k
W
HT12E
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5
12
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
3V
No load, fOSC=3kHz
¾
40
80
mA
12V
¾
150
300
mA
IDOUT
Output Drive Current
5V
VOH=0.9VDD (Source)
-1
-1.6
¾
mA
VOL=0.1VDD (Sink)
1
1.6
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillator Frequency
5V
ROSC=1.1M
W¾
3
¾
kHz
RTE
TE Pull-high Resistance
5V
VTE=0V
¾
1.5
3
M
W
HT12A/HT12E
Rev. 1.10
4
January 24, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com