Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT333 Datasheet(PDF) 4 Page - Power Semiconductors

Part # AT333
Description  PHASE CONTROL THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT333 Datasheet(HTML) 4 Page - Power Semiconductors

  AT333 Datasheet HTML 1Page - Power Semiconductors AT333 Datasheet HTML 2Page - Power Semiconductors AT333 Datasheet HTML 3Page - Power Semiconductors AT333 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AT333 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION
apr 97 - ISSUE : 01
Cathode terminal type DIN 46244 - A 4.8 - 0.8
Gate terminal type AMP 60598 - 1
Distributed by
ON-STATE CHARACTERISTIC
Tj = 125 °C
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.6
1.1
1.6
2.1
2.6
On-state Voltage [V]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0.001
0.01
0.1
1
10
100
t[s]
SURGE CHARACTERISTIC
Tj = 125 °C
0
1
2
3
4
5
6
7
8
1
10
100
n° cycles
ANSALDO
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03
mm and roughness < 2 µm.
In the interest of product improvement ANSALDO reserves the right to change
any data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded
background) and characteristics is reported.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com