Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6014 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT6014
Description  312 Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6014 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT6014 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6014 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Carrier Tape Dimensions
SOP 20W
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
24.0+0.3
-0.1
P
Cavity Pitch
12.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
11.5
±0.1
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.25
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
10.8
±0.1
B0
Cavity Width
13.3
±0.1
K0
Cavity Depth
3.2
±0.1
t
Carrier Tape Thickness
0.3
±0.05
C
Cover Tape Width
21.3
HT6010/HT6012/HT6014
Rev. 1.20
12
September 9, 2003
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com