Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N60-BTA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 6N60-BTA3-R
Description  6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N60-BTA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  6N60-BTA3-R Datasheet HTML 1Page - Unisonic Technologies 6N60-BTA3-R Datasheet HTML 2Page - Unisonic Technologies 6N60-BTA3-R Datasheet HTML 3Page - Unisonic Technologies 6N60-BTA3-R Datasheet HTML 4Page - Unisonic Technologies 6N60-BTA3-R Datasheet HTML 5Page - Unisonic Technologies 6N60-BTA3-R Datasheet HTML 6Page - Unisonic Technologies 6N60-BTA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-117.A
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 6.2 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
6.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
24.8
A
Reverse Recovery Time
tRR
290
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 6.2 A,
dIF/dt = 100 A/µs (Note 4)
2.35
µC
Notes: 1. Repetitive Rating : Pulse width limited by TJ
2. L = 16.8mH, IAS = 6A, VDD = 90V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 6.2A, di/dt ≤200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com