Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YAS526C Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YAS526C
Description  MS-2 Magnetic field Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YAS526C Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YAS526C Datasheet HTML 1Page - YAMAHA CORPORATION YAS526C Datasheet HTML 2Page - YAMAHA CORPORATION YAS526C Datasheet HTML 3Page - YAMAHA CORPORATION YAS526C Datasheet HTML 4Page - YAMAHA CORPORATION YAS526C Datasheet HTML 5Page - YAMAHA CORPORATION YAS526C Datasheet HTML 6Page - YAMAHA CORPORATION YAS526C Datasheet HTML 7Page - YAMAHA CORPORATION YAS526C Datasheet HTML 8Page - YAMAHA CORPORATION YAS526C Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
YAS526C
2
Pin Description
Here is a figure for pin assignment and a table for pin descriptions.
28 Pin QFN Top View
Pin Descriptions
Pin No.
Pin Name
I/O
Function
1
I1
A
A/D input 1
2
I2
A
A/D input 2
3
I3
A
A/D input 3
6
VSS1
-
Ground
7
IOVDD1
-
Power supply for Interface
8
SCL1
I
Serial clock
14
SDA1
I/Od
Serial data
15
VDD1
-
Power supply for Core
16
T1
I
Test mode (connecting with VDD)
18
VSS2
-
Ground
19
T2
I
Test mode (connecting with VDD)
20
IOVDD2
-
Power supply for interface
21
SCL2
I
Serial clock
22
SDA2
I/Od
Serial data
28
VDD2
-
Power supply for Core
Note) Connection of I3(A/D input 3) pin to VDD is recommended when using YAS526C
with a biaxial inclination sensor connected.
Connecting I1, I2, and I3 to VSS is recommended when an inclination sensor is not
connected.
Pin 16 and pin 19 are used, connecting with VDD.
When used, no connection should be made to the pins (4, 5, 9, 10, 11, 12, 13, 17, 23,
24, 25, 26, 27) except the above.
A
: Analog input
I
: Digital Input
Od
: Open drain output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com