Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A4 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT36A4
Description  Music Synthesizer 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A4 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT36A4 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 20Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 21Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Application Circuits
HT36A4
Rev. 1.10
18
March 12, 2007
Mask Option
No.
Mask Option
Function
1
WDT source
On-chip RC/Instruction clock/ disable WDT
2
CLRWDT times
One time, two times (CLR WDT1/WDT2)
3
Wake-up
PA
4
Pull-High
PA input
5
OSC mode
Crystal or Resistor type
R E S
0 6 ! $ ) "
P A 0 ~ P A 7
A U D
V D D
O S C 1
O S C 2
V D D
4 7 m F
0 . 1 m F
V r e f
1 0 m F
I N
V D D
0 6 & 8 % ! !
V S S
C E
O U T N
O U T P
S P K
8 W
2 0 k W
1 0 0 k W
0 . 1 m F
1
2
3
4
5
7
8
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
V S S A
V S S
0 6 ! $ ) "
P A 0 ~ P A 7
V D D
O S C 1
O S C 2
8 M H z
A U D
1 0 0 k W
0 . 1 m F
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
V S S A
V S S
R E S
V D D
S P K
8 W
1 k W
7 5 0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com