Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT636 Datasheet(PDF) 3 Page - Power Semiconductors

Part # AT636
Description  PHASE CONTROL THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT636 Datasheet(HTML) 3 Page - Power Semiconductors

  AT636 Datasheet HTML 1Page - Power Semiconductors AT636 Datasheet HTML 2Page - Power Semiconductors AT636 Datasheet HTML 3Page - Power Semiconductors AT636 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AT636 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION
feb 97 - ISSUE : 03
DISSIPATION CHARACTERISTICS
SINE WAVE
180°
120°
90°
60°
30°
0
500
1000
1500
2000
2500
3000
3500
0
500
1000
1500
2000
2500
3000
IF(AV) [A]
PF(AV) [W]
ANSALDO
180°
120°
90°
60°
30°
50
60
70
80
90
100
110
120
130
0
500
1000
1500
2000
2500
3000
IF(AV) [A]
Th [°C]
ANSALDO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com