Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6660 Datasheet(PDF) 2 Page - Supertex, Inc

Part # 2N6660
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

2N6660 Datasheet(HTML) 2 Page - Supertex, Inc

  2N6660_07 Datasheet HTML 1Page - Supertex, Inc 2N6660_07 Datasheet HTML 2Page - Supertex, Inc 2N6660_07 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
2N6660/2N6661
Electrical Characteristics (T
C = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source break-
down voltage
2N6660
60
-
-
VV
GS = 0V, ID = 10µA
2N6661
90
-
-
V
GS(th)
Gate threshold voltage
0.8
-
2.0
V
V
GS = VDS, ID = 1.0mA
ΔV
GS(th)
V
GS(th) change with temperature
-
-3.8
-5.5
mV/OCV
GS = VDS, ID = 1.0mA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
--
10
µA
V
GS = 0V, VDS = Max rating
-
-
500
V
DS = 0.8 Max Rating,
V
GS = 0V, TA = 125
OC
I
D(ON)
ON-state drain current
1.5
-
-
A
V
GS = 10V, VDS = 10V
R
DS(ON)
Static drain-to-source
ON-state resistance
All
-
-
5.0
Ω
V
GS = 5.0V, ID = 0.3A
2N6660
-
-
3.0
V
GS = 10V, ID = 1.0A
2N6661
-
-
4.0
V
GS = 10V, ID = 1.0A
G
FS
Forward transconductance
170
-
-
mmho
V
DS = 25V, ID = 0.5A
C
ISS
Input capacitance
-
-
50
pF
V
GS = 0V,
V
DS = 24V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
40
C
RSS
Reverse transfer capacitance
-
-
10
t
(ON)
Turn-ON time
-
-
10
ns
V
DD = 25V, ID = 1.0A,
R
GEN = 25Ω
t
(OFF)
Turn-OFF time
-
-
10
V
SD
Diode forward voltage drop
-
1.2
-
V
V
GS = 0V, ISD = 1.0A
t
rr
Reverse recovery time
-
350
-
ns
V
GS = 0V, ISD = 1.0A
Notes:
1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
Thermal Characteristics
Device
Package
I
D
(continuous)*
(mA)
I
D
(pulsed)
(A)
Power Dissipation
@T
C = 25
OC
(W)
θ
jc
(
OC/W)
θ
ja
(
OC/W)
I
DR
*
(mA)
I
DRM
(A)
2N6660
TO-39
410
3.0
6.25
20
125
410
3.0
2N6661
TO-39
350
3.0
6.25
20
125
350
3.0
Notes:
* I
D (continuous) is limited by max rated TJ.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
RGEN
0V
0V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com