Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7000 Datasheet(PDF) 2 Page - Supertex, Inc

Part # 2N7000
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

2N7000 Datasheet(HTML) 2 Page - Supertex, Inc

  2N7000_07 Datasheet HTML 1Page - Supertex, Inc 2N7000_07 Datasheet HTML 2Page - Supertex, Inc 2N7000_07 Datasheet HTML 3Page - Supertex, Inc 2N7000_07 Datasheet HTML 4Page - Supertex, Inc 2N7000_07 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
2N7000
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
60
-
-
V
V
GS = 0V, ID = 10µA
V
GS(th)
Gate threshold voltage
0.8
-
3.0
V
V
GS = VDS, ID = 1.0mA
I
GSS
Gate body leakage current
-
-
10
nA
V
GS = ±15V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
1.0
µA
V
GS = 0V, VDS = 48V
-
-
1.0
mA
V
GS = 0V, VDS = 48V,
T
A = 125
OC
I
D(ON)
ON-state drain current
75
-
-
mA
V
GS = 4.5V, VDS = 10V
R
DS(ON)
Static drain-to-source
ON-state resistance
-
-
5.3
Ω
V
GS = 4.5V, ID = 75mA
-
-
5.0
V
GS = 10V, ID = 500mA
G
FS
Forward transconductance
100
-
-
mmho
V
DS = 10V, ID = 200mA
C
ISS
Input capacitance
-
-
60
pF
V
GS = 0V, VDS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
25
C
RSS
Reverse transfer capacitance
-
-
5
t
(ON)
Turn-ON time
-
-
10
ns
V
DD = 15V, ID = 500mA,
R
GEN = 25Ω
t
(OFF)
Turn-OFF time
-
-
10
V
SD
Diode forward voltage drop
-
0.85
-
V
V
GS = 0V, ISD = 200mA
Notes:
1. All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
Thermal Characteristics
Device
Package
I
D
(continuous)*
(mA)
I
D
(pulsed)
(mA)
Power Dissipation
@T
C = 25
OC
(W)
θ
JC
(
OC/W)
θ
JA
(
OC/W)
I
DR
*
(mA)
I
DRM
(mA)
2N7000
TO-92
200
500
1.0
125
170
200
500
Notes:
* I
D (continuous) is limited by max rated TJ.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
RGEN
0V
0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com