Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH5L06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH5L06_07 Datasheet HTML 1Page - STMicroelectronics STTH5L06_07 Datasheet HTML 2Page - STMicroelectronics STTH5L06_07 Datasheet HTML 3Page - STMicroelectronics STTH5L06_07 Datasheet HTML 4Page - STMicroelectronics STTH5L06_07 Datasheet HTML 5Page - STMicroelectronics STTH5L06_07 Datasheet HTML 6Page - STMicroelectronics STTH5L06_07 Datasheet HTML 7Page - STMicroelectronics STTH5L06_07 Datasheet HTML 8Page - STMicroelectronics STTH5L06_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH5L06
4/10
Figure 5.
Relative variation of thermal
impedance junction ambient versus
pulse duration (Epoxy FR4, Lleads =
10 mm) (DO-201AD)
Figure 6.
Peak reverse recovery current
versus dIF/dt (90% confidence)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p
0
1
2
3
4
5
6
7
8
0
10
20304050
607080
90
100
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
I =0.25 x I
F
F(AV)
V =400V
T =125°C
R
j
Figure 7.
Reverse recovery time versus dIF/dt
(90% confidence)
Figure 8.
Reverse recovery charges versus
dIF/dt (90% confidence)
0
100
200
300
400
500
600
700
800
900
1000
0
10
2030
405060
7080
90
100
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
0
50
100
150
200
250
300
350
400
450
500
0
10
2030
4050
6070
8090
100
Q (nC)
rr
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
dI /dt(A/µs)
F
Figure 9.
Softness factor versus dIF/dt
(typical values)
Figure 10.
Relative variations of dynamic
parameters versus junction
temperature
0
102030405060708090
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
S factor
I=I
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com