Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L06 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH5L06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L06 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH5L06 Datasheet HTML 2Page - STMicroelectronics STTH5L06 Datasheet HTML 3Page - STMicroelectronics STTH5L06 Datasheet HTML 4Page - STMicroelectronics STTH5L06 Datasheet HTML 5Page - STMicroelectronics STTH5L06 Datasheet HTML 6Page - STMicroelectronics STTH5L06 Datasheet HTML 7Page - STMicroelectronics STTH5L06 Datasheet HTML 8Page - STMicroelectronics STTH5L06 Datasheet HTML 9Page - STMicroelectronics STTH5L06 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STTH5L06
Package information
7/10
Table 6.
TO-220FPAC dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
Table 7.
DO-201AD dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
B
25.40
1.000
C
5.30
0.209
D
1.30
0.051
E
1.25
0.049
Notes
1 - The lead diameter ø D is not
controlled over zone E
2 - The minimum length which must stay
straight between the right angles after
bending is 0.59"(15mm)
H
A
B
Dia
L7
L6
L5
F1
F
D
E
L4
G1
G
L2
L3
ØC
ØD
A
EE
Note 2
Note 1
Note 1
BB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com