Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L06D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH5L06D
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L06D Datasheet(HTML) 2 Page - STMicroelectronics

  STTH5L06D Datasheet HTML 1Page - STMicroelectronics STTH5L06D Datasheet HTML 2Page - STMicroelectronics STTH5L06D Datasheet HTML 3Page - STMicroelectronics STTH5L06D Datasheet HTML 4Page - STMicroelectronics STTH5L06D Datasheet HTML 5Page - STMicroelectronics STTH5L06D Datasheet HTML 6Page - STMicroelectronics STTH5L06D Datasheet HTML 7Page - STMicroelectronics STTH5L06D Datasheet HTML 8Page - STMicroelectronics STTH5L06D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH5L06
2/10
1
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 0.89 x IF(AV) + 0.033 IF
2
(RMS)
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
TO-220AC, TO-220FPAC,
DO-201AD
20
A
DPAK
10
IF(AV)
Average forward
current
TO-220AC, DPAK
Tc = 150 °C δ = 0.5
5A
DO-210AD
TI = 50° C δ = 0.5
TO-220FPAC
Tc = 135 °C δ = 0.5
IFRM
Repetitive peak forward current
tp = 5 µs, F = 5 kHz square
65
A
IFSM
Surge non repetitive
forward current
tp = 10 ms Sinusoidal
TO-220AC, TO-220FPAC
90
A
DO-201AD
110
DPAK
60
Tstg
Storage temperature range
- 65 + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
Table 2.
Thermal parameters
Symbol
Parameter
Maximu
m
Unit
Rth(j-c)
Junction to case
TO-220AC, DPAK
3.5
°C/W
TO-220FPAC
6.0
Rth(j-l)
Junction to lead
L = 10 mm
DO-201AD
20
Rth(j-a)
Junction to ambient (1)
75
1.
With recommended pad layout (see Figure 15)
Table 3.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current VR = 600 V
Tj = 25°C
5
µA
Tj = 150°C
TO-220AC, DPAK,
TO-220FPAC
10
125
DO-201AD
25
150
VF
Forward voltage drop
IF = 5 A
Tj = 25°C
1.3
V
Tj = 150°C
0.85
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com