Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 2 Page - Supertex, Inc

Part # 2N7002
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

2N7002 Datasheet(HTML) 2 Page - Supertex, Inc

  2N7002_07 Datasheet HTML 1Page - Supertex, Inc 2N7002_07 Datasheet HTML 2Page - Supertex, Inc 2N7002_07 Datasheet HTML 3Page - Supertex, Inc 2N7002_07 Datasheet HTML 4Page - Supertex, Inc 2N7002_07 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
2N7002
Electrical Characteristics (T
A=25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
60
-
-
V
V
GS = 0V, ID = 10µA
V
GS(th)
Gate threshold voltage
1.0
-
2.5
V
V
GS = VDS, ID = 250µA
∆V
GS(th)
Change in V
GS(th) with temperature
-
-
-5.5
mV/OCV
GS = VDS, ID = 250µA
I
GSS
Gate body leakage current
-
-
±100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
1.0
µA
V
GS = 0V, VDS = Max rating
-
-
500
V
GS = 0V, VDS = 0.8Max rating,
T
A = 125
OC
I
D(ON)
ON-state drain current
500
-
-
mA
V
GS = 10V, VDS = 25V
R
DS(ON)
Static drain-to-source
ON-state resistance
-
-
7.5
Ω
V
GS = 5.0V, ID = 50mA
-
-
7.5
V
GS = 10V, ID = 500mA
∆R
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.0
%/OCV
GS = 10V, ID = 500mA
G
FS
Forward transconductance
80
-
-
mmho
V
DS = 25V, ID = 500mA
C
ISS
Input capacitance
-
-
50
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
25
C
RSS
Reverse transfer capacitance
-
-
5
t
(ON)
Turn-ON time
-
-
20
ns
V
DD = 30V, ID = 200mA,
R
GEN = 25Ω
t
(OFF)
Turn-OFF time
-
-
20
V
SD
Diode forward voltage drop
-
1.2
-
V
V
GS = 0V, ISD = 200mA
t
rr
Reverse recovery time
-
400
-
ns
V
GS = 0V, ISD = 800mA
Notes:
1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
Thermal Characteristics
Device
Package
I
D
(continuous)*
(mA)
I
D
(pulsed)
(mA)
Power Dissipation
@T
A = 25
OC
(W)
θ
jc
(
OC/W)
θ
ja
(
OC/W)
I
DR
*
(mA)
I
DRM
(mA)
2N7002
TO-236AB
115
800
0.36
200
350
115
800
Notes:
* I
D (continuous) is limited by max rated TJ.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
RGEN
0V
0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com