Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933DB1 Datasheet(PDF) 2 Page - Supertex, Inc

Part # AT9933DB1
Description  High Bright LED Driver IC Meeting Automotive Requirements
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933DB1 Datasheet(HTML) 2 Page - Supertex, Inc

  AT9933DB1 Datasheet HTML 1Page - Supertex, Inc AT9933DB1 Datasheet HTML 2Page - Supertex, Inc AT9933DB1 Datasheet HTML 3Page - Supertex, Inc AT9933DB1 Datasheet HTML 4Page - Supertex, Inc AT9933DB1 Datasheet HTML 5Page - Supertex, Inc AT9933DB1 Datasheet HTML 6Page - Supertex, Inc AT9933DB1 Datasheet HTML 7Page - Supertex, Inc AT9933DB1 Datasheet HTML 8Page - Supertex, Inc AT9933DB1 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
AT9933DB1
Testing the Demo Board
Normal Operation: Connect the input source and the output
LEDs as shown in the Connection Diagram and enable the
board. The LEDs will glow with a steady intensity. Connect-
ing an Ammeter in series with the LEDs will allow measure-
ment of the LED current. The current will be 350mA +/- 5%.
Open LED test: Connect a voltmeter across the output ter-
minals of the AT9933DB1. Start the demoboard normally
and once the LED current reaches steady state, unplug one
end of the LED string from the demoboard. The output volt-
age will rise to about 33V and stabilize.
Short Circuit Test: When the AT9933DB1 is operating in
steady state, connect a jumper across the terminals of the
LED string. Notice that the switching frequency drops, but
the average output current remains the same.
PWM Dimming: With the input voltage to the board discon-
nected, apply a TTL compatible, push-pull square wave sig-
nal between PWMD and GND terminals of connector J3 as
shown in the Connection Diagram. Turn the input voltage
back on and adjust the duty cycle and / or frequency of the
PWM dimming signal. The output current will track the PWM
dimming signal. Note that although the converter operates
perfectly well at 1kHz PWM dimming frequency, the best
PWM dimming ratios can be obtained at lower frequencies
like 100 or 200Hz
Typical Results
Fig.1 shows the efficiency plot for the AT9933DB1 over the
input voltage range. The converter has efficiencies greater
than 80% over 13V input. Note that these measurements
so not include the 0.3W - 0.5W loss in the reverse blocking
diode.
Fig.2 shows the variation of the switching frequency over
the input votage range. The frequency varies from 300kHz
to 500kHz over the entire input voltage range and avoids the
restricted frequency band of 150kHz to 300kHz and the AM
band greater than 530kHz. This makes it easier to meet the
conducted and radiated EMI specifications for the automo-
tive industry.
Fig.3 shows the output current variation over the input volt-
age range. The LED current has a variation of about 2mA
over the entire voltage range.
The waveforms in Fig.4 show the drain voltage of the FET
(channel 1 (blue); 10V/div) and the LED current (channel 4
(green); 100mA/div) at three different operating conditions
– 9V in, 13.5V in and 16V in.
Fig. 5 shows the operation of the converter during cold crank
conditions as the input voltage decreases from 13.5V to
6V and increases back to 13.5V. In these cases, the input
current reaches the limit set and the output current drops
correspondingly. Thus, the LEDs continue to glow, but with
reduced intensity. Once the voltage ramps back up, the out-
put current goes back to its normal value and the converter
comes out of the input current limit.
Fig.6 shows the LED current during an input step change
from 13.5V to 42V and back to 13.5V (similar to a clamped
load dump). It can be seen that the LED current drops briefly
when the input voltage jumps, but there are no overshoots.
Fig. 7a shows the operation of the converter during an Open
LED condition and Fig. 7b shows the operation during output
short circuit condition. In both cases, it can be seen that the
AT9933DB1 can easily withstand faults and come back into
normal operation almost instantly.
Fig. 8 shows the PWM dimming performance of the
AT9933DB1 with a 100Hz, 3.3V square wave signal. The
converter can easily operate at PWM dimming duty cycles
from 1% - 99%.
Fig. 9 shows the rise and fall times of the output current dur-
ing PWM dimming. The converter has nearly symmetric rise
and fall times of about 25µs. These rise and fall times can
be reduced (if desired) by reducing the output capacitance
C10. However, this will lead to increased ripple in the output
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com