Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL1
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL1 Datasheet(HTML) 2 Page - Supertex, Inc

  CL1 Datasheet HTML 1Page - Supertex, Inc CL1 Datasheet HTML 2Page - Supertex, Inc CL1 Datasheet HTML 3Page - Supertex, Inc CL1 Datasheet HTML 4Page - Supertex, Inc CL1 Datasheet HTML 5Page - Supertex, Inc CL1 Datasheet HTML 6Page - Supertex, Inc CL1 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Package Options
NC = No Connect
TO-252
(D-PAK)
TO-252
(D-PAK)
VB
NC
VA
VB
VA
NC
VA
V NC V
(TO-92)
a
b
Absolute Maximum Ratings*
Va-b, Operating Voltage
100V
TJ, Operating Junction Temperature
0°C to +125°C
Ts, Storage Temperature
-55°C to +150°C
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability.
Thermal Characteristics
Package
Power Dissipation
@ TA=25°C
θ
JC
°C/W
θ
JA
°C/W
TO-92
0.73W
125
170
TO-243AA (SOT-89)
1.3W*
15
78*
TO-252 (D-PAK)
2.0W*
6.0
50*
* Mounted on FR4 board; 25mm x 25mm x 1.57mm.
Ordering Information
Order Number / Package
TO-92
D-PAK
TO-243AA
CL1N3 /CL1N3-G
CL1K4-G
CL1N8 /CL1N8-G
-G indicates package id RoHS compliant (“Green”)
TO-243AA
(SOT-89)
CL1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com