Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2640 Datasheet(PDF) 2 Page - Supertex, Inc

Part # DN2640
Description  N-Channel Depletion-Mode Vertical DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN2640 Datasheet(HTML) 2 Page - Supertex, Inc

  DN2640 Datasheet HTML 1Page - Supertex, Inc DN2640 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8-14
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ T
C = 25°C
°C/W
°C/W
TO-92
250mA
600mA
1.0W
125
170
250mA
600mA
* I
D (continuous) is limited by max rated Tj.
DN2640
Thermal Characteristics
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Switching Waveforms and Test Circuit
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSX
Drain-to-Source
400
V
VGS = -5V, ID = 1.0mA
Breakdown Voltage
V
GS(OFF)
Gate-to-Source OFF Voltage
–1.0
–3.5
V
V
DS = 25V, ID= 10µA
∆VGS(OFF)
Change in VGS(OFF) with Temperature
4.5
mV/°CVDS = 25V, ID= 10µA
I
GSS
Gate Body Leakage Current
100
nA
V
GS = ± 20V, VDS = 0V
I
D(OFF)
Drain-to-Source Leakage Current
10
µAVGS = -10V, VDS = Max Rating
1.0
mA
VGS = -10V, VDS = 0.8 Max Rating
T
A = 125°C
IDSS
Saturated Drain-to-Source Current
300
mA
VGS = 0V, VDS = 25V
R
DS(ON)
Static Drain-to-Source
6.0
Ω
V
GS = 0V, ID = 150mA
ON-State Resistance
∆RDS(ON)
Change in R
DS(ON) with Temperature
1.1
%/°CVGS = 0V, ID = 150mA
G
FS
Forward Transconductance
300
m
I
D = 200mA, VDS = 10V
CISS
Input Capacitance
750
VGS = -10V, VDS = 25V
C
OSS
Common Source Output Capacitance
75
pF
f = 1 MHz
CRSS
Reverse Transfer Capacitance
15
td(ON)
Turn-ON Delay Time
15
VDD = 25V,
t
r
Rise Time
20
ns
I
D = 200mA,
td(OFF)
Turn-OFF Delay Time
25
RGEN = 10Ω
tf
Fall Time
25
V
SD
Diode Forward Voltage Drop
1.8
V
V
GS = -10V, ISD = 200mA
trr
Reverse Recovery Time
800
ns
VGS = -10V, ISD = 1.0A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
– OBSOLETE
–



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com