Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3545N3 Datasheet(PDF) 2 Page - Supertex, Inc

Part # DN3545N3
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545N3 Datasheet(HTML) 2 Page - Supertex, Inc

  DN3545N3 Datasheet HTML 1Page - Supertex, Inc DN3545N3 Datasheet HTML 2Page - Supertex, Inc DN3545N3 Datasheet HTML 3Page - Supertex, Inc DN3545N3 Datasheet HTML 4Page - Supertex, Inc DN3545N3 Datasheet HTML 5Page - Supertex, Inc DN3545N3 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DN3545
Notes:
1. I
D (continuous) is limited by max rated Tj.
2. Mounted on FR4 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Thermal Characteristics
Package
I
D
(continuous)1
I
D
(pulsed)
Power Dissipation
@T
A = 25
OC
θ
jc
OC/W
θ
ja
OC/W
I
DR
1
I
DRM
T0-92
136mA
550mA
0.74W
125
170
136mA
550mA
TO-243AA
200mA
550mA
1.6W2
15
782
200mA
550mA
Electrical Characteristics (@25OC unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSX
Drain-to-source breakdown voltage
450
-
-
V
V
GS = -5V, ID = 100µA
V
GS(OFF)
Gate-to-source OFF voltage
-1.5
-
-3.5
V
V
DS = 25V, ID= 10µA
ΔV
GS(OFF)
Change in V
GS(OFF) with temperature
-
-
4.5
mV/OCV
DS = 25V, ID= 10µA
I
GSS
Gate body leakage current
-
-
100
nA
V
GS = ± 20V, VDS = 0V
I
D(OFF)
Drain-to-source leakage current
-
-
1.0
µA
V
GS = -5V, VDS = Max Rating
-
-
1.0
mA
V
GS = -5V, VDS = 0.8 Max Rating
T
A = 125°C
I
DSS
Saturated drain-to-source current
200
-
-
mA
V
GS = 0V, VDS = 15V
R
DS(ON)
Static drain-to-source
on-state resistance
--
20
Ω
V
GS = 0V, ID = 150mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.1
%/OCV
GS = 0V, ID = 150mA
G
FS
Forward transductance
150
-
-
m
I
D = 100mA, VDS = 10V
C
ISS
Input capacitance
-
-
360
pF
V
GS = -5V, VDS = 25V, f = 1MHz
C
OSS
Common source output capacitance
-
-
40
C
RSS
Reverse transfer capacitance
-
-
15
t
d(ON)
Turn-ON delay time
-
-
20
ns
V
DD = 25V, ID = 150mA,
R
GEN = 25Ω,VGS = 0V to -10V
t
r
Rise time
-
-
30
t
d(OFF)
Turn-OFF delay time
-
-
30
t
f
Fall time
-
-
40
V
SD
Diode forward voltage drop
-
-
1.8
V
V
GS = -5V, ISD = 150mA
t
rr
Reverse recovery time
-
800
-
ns
V
GS = -5V, ISD = 150mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com