Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT18 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HT18
Description  Electronic Telephone Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT18 Datasheet(HTML) 4 Page - Supertex, Inc

  HT18_07 Datasheet HTML 1Page - Supertex, Inc HT18_07 Datasheet HTML 2Page - Supertex, Inc HT18_07 Datasheet HTML 3Page - Supertex, Inc HT18_07 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Doc.# DSFP-HT18_HT19
A111006
HT18/HT19
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
8-Lead SOIC (Narrow Body) LG Package Outline
45°
5° - 15°
(4 PLCS)
4.90 ± 0.10
1.27BSC
6.00 ± 0.20
3.90 ± 0.10
Notes:
1. All dimensions in millimeters. Angles in degrees.
2. If the corner is not chamfered, then a Pin 1 identifier
must be located within the area indicated.
Note 2
1.75 MAX
0.10 - 0.25
0.31 - 0.51
1.25 MIN
0.25 - 0.50
0° - 8°
0.40 - 1.27
0.17 - 0.25
Top View
Side View
End View
Note 2
1
8
Pin Description
Pin
Name Description
1
TPG
Positive input side of a telephone line, typically Tip side.
2
HKS
Hookswitch input. Connect HKS to TPG to turn on the hook switch. Internally pulled low with a high value
resistor.
3
GND
Device ground. Negative side of a telephone line, typically Ring side.
4
NC
No Connect. Open Circuit. No internal connections to the device.
5
LS
Line switch input. Input logic high turns on the hook switch. Internally pulled low with a high value resistor.
6DP
For HT18. Dial pulse input. Input logic high turns off the hook switch. Used for pulse dialing. Internally
pulled low with a high value resistor.
6DP
For HT19. Dial pulse input. Input logic low turns off the hook switch. Used for pulse dialing. Internally
pulled high with a high value resistor.
7
CS
Current sense input. An external resistor connected between CS and TP sets the current limit.
8TP
Positive output side of a telephone line. Zener protection to prevent this output from rising above 18V is
required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com