Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT19 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HT19
Description  Electronic Telephone Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT19 Datasheet(HTML) 2 Page - Supertex, Inc

  HT19 Datasheet HTML 1Page - Supertex, Inc HT19 Datasheet HTML 2Page - Supertex, Inc HT19 Datasheet HTML 3Page - Supertex, Inc HT19 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HT18/HVT19
Ordering Information
Device
Package Options
8-Lead SOIC (Narrow Body)
HT18
HT18LG
HT18LG-G
HT19
HT19LG
HT19LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
TPG, Input line voltage
+350V
V
TP, Output line voltage
+18V
DP/DP continuous input voltage
+10V
Storage temperature
-65°C to +150°C
Junction temperature
+150°C
Soldering temperature1
+300°C
Power dissipation
0.8W
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Note 1. Distance of 1.6mm from case for 10 seconds.
Pin Configuration
1
2
3
4
8
7
6
5
SO-8
(Top View)
HT18/
HT19
GND
DP/DP
NC
LS
TPG
HKS
TP
CS
For HT18, Pin 6 is DP
For HT19, Pin 6 is DP
Note 1.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
TPG
High voltage positive supply
-
-
350
V
I
TPG = 500µA, HKS, LS,
DP/DP = open circuit
I
TPQ
Input leakage current
-
-
2.0
µA
V
TPG = 100V, HKS, LS,
DP/DP = open circuit
-
-
200
V
TPG = 290V, HKS, LS,
DP/DP = open circuit
R
SW
TPG to TP switch resistance
--
18
Ω
V
TPG = 17V, ITPG = 180mA, SW = On
-
-
18
V
TPG = 3.0V, ITPG = 20mA, SW = On
-
-
30
V
TPG = 2.3V, ITPG = 5mA, SW = On
I
TPG - ITP
Bias current
--
75
µA
V
TPG = 5.0V, SW = On
-
-
100
V
TPG = 10V, SW = On
I
LIM
I
TPG current limiting
188
250
330
mA
R
EXT = 200Ω ± 1%
I
HKS
HKS input current
-
-
200
µA
V
HKS = 40V -70V
I
LS, IDP
LS and DP logic input current
-
-
30
µA
V
LS = 3.0V, VDP = 3.0V
I
DP
DP output current
-
-
-30
µA
V
DP = 0V
Electrical Characteristics (T
J=25°C unless otherwise specified)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com