Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT19LG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HT19LG
Description  Electronic Telephone Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT19LG Datasheet(HTML) 3 Page - Supertex, Inc

  HT19LG Datasheet HTML 1Page - Supertex, Inc HT19LG Datasheet HTML 2Page - Supertex, Inc HT19LG Datasheet HTML 3Page - Supertex, Inc HT19LG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HT18/HVT19
Logic Truth Table
Z = high impedance, open circuit
X = don’t care
L = logic level low
H = logic level high
Block Diagram
HKS
LS1
DP
DP
Switch State
H
L or Z
L or Z
H or Z
ON
H
H
L or Z
H or Z
ON
L or Z
L or Z
L or Z
H or Z
OFF
L or Z
H
L or Z
H or Z
ON
XX
H
L
OFF
TPG
TP
CS
GND
HKS
LS
DP
H = ON
L = OFF
(1)
(2)
(5)
(6) for HT18
(6) for HT19
(8)
(7)
(3)
DP
Charge Pump
and
Logic Control
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
V
IL(HKS)
HKS input low
0
-
0.2
V
V
TPG = 3.0V to 70V
V
IH(HKS)
HKS input high
2.0
-
V
TPG
VV
TPG = 3.0V to 70V
V
IL(LS),
V
IL(DP)
Input logic low for DP/DP and LS
0
-
0.2
V
V
TPG = 3.0V to 70V
V
IH(LS),
V
IH(DP)
Input logic high for DP/DP and
LS
1.5
-
10
V
V
TPG = 3.0V to 70V
T
ON
Turn on time
-
-
1.0
ms
V
TPG = 4.5V
T
OFF
Turn off time
-
-
1.0
ms
V
TPG = 4.5V
Electrical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com