Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085D2M-R Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD1085D2M-R
Description  3A Low drop positive voltage regulator adjustable and fixed
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2M-R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD1085D2M-R Datasheet HTML 11Page - STMicroelectronics LD1085D2M-R Datasheet HTML 12Page - STMicroelectronics LD1085D2M-R Datasheet HTML 13Page - STMicroelectronics LD1085D2M-R Datasheet HTML 14Page - STMicroelectronics LD1085D2M-R Datasheet HTML 15Page - STMicroelectronics LD1085D2M-R Datasheet HTML 16Page - STMicroelectronics LD1085D2M-R Datasheet HTML 17Page - STMicroelectronics LD1085D2M-R Datasheet HTML 18Page - STMicroelectronics LD1085D2M-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LD1085 series
Typical application
15/27
Figure 15.
Supply voltage rejection vs
frequency
Figure 16.
Supply voltage rejection vs
temperature
Figure 17.
Minimum load current vs
temperature
Figure 18.
Stability
Figure 19.
Stability
Figure 20.
Line transient
VI=12 to 13V, IO=200mA, CI = 1µF(tant), CO=10µF(tant),
CADJ=1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com