Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-9V Datasheet(PDF) 1 Page - AG Electronica

Part # GP-9V
Description  BATERIA ALCALINA DE 9V CUADRADA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

GP-9V Datasheet(HTML) 1 Page - AG Electronica

  GP-9V Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BATERIA ALCALINA DE 9V
CUADRADA
NUMERO DE PARTE: GP-9V
Descripción: Batería cuadrada de 9 Volts para dar energía a
aparatos electrónicos, juguetes o a proyectos de electrónica.
Es alcalina de larga duración, con capacidad nominal de 150
mAh y está libre de cadmio y mercurio.
Especificaciones:
•
Voltaje: 9VCC
•
Capacidad nominal: 150 mAh
•
Libre de mercurio y cadmio
•
Dimensiones: 4.8cm Alto x 2.6cm Ancho x 1.7 de
espesor.
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. DJRS
Fecha: 26/02/2017
Rev 2. CHB


Similar Part No. - GP-9V

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-90 PERKINELMER-GP-90 Datasheet
67Kb / 4P
Triggered Spark Gaps
GP-91 PERKINELMER-GP-91 Datasheet
67Kb / 4P
Triggered Spark Gaps
GP-93 PERKINELMER-GP-93 Datasheet
67Kb / 4P
Triggered Spark Gaps
More results

Similar Description - GP-9V

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HH-3449 BUD-HH-3449 Datasheet
17Kb / 1P
BATTERY CLIP-9V
logo
List of Unclassifed Man...
12BH610-GR ETC2-12BH610-GR Datasheet
169Kb / 1P
9V Battery Holder
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
9V Battery Holder
12BH616P-GR ETC2-12BH616P-GR Datasheet
101Kb / 1P
9V Battery Holder
12BH980-GR ETC2-12BH980-GR Datasheet
169Kb / 1P
9V Battery Clip
logo
Everlight Electronics C...
JU1215-KM407K4-09804-450T EVERLIGHT-JU1215-KM407K4-09804-450T Datasheet
1Mb / 27P
9V/4W 3S8P Series
JU1215 EVERLIGHT-JU1215 Datasheet
880Kb / 27P
9V/4W 3S8P Series
logo
Ultralife Corporation.
U9VL-J-P ULTRALIFE-U9VL-J-P Datasheet
572Kb / 2P
Alkaline 9V replacement
Rev: P
logo
SparkFun Electronics
PRT-00091 SPARKFUN-PRT-00091 Datasheet
159Kb / 1P
9V Snap Connector
4/12/2016
PRT-10512 SPARKFUN-PRT-10512 Datasheet
123Kb / 1P
9V Battery Holder
8/3/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com