Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2SC3CF0200CCMM-XNH Datasheet(PDF) 8 Page - Ashcroft, Inc.

Part # E2SC3CF0200CCMM-XNH
Description  E2S Intrinsically Safe Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2SC3CF0200CCMM-XNH Datasheet(HTML) 8 Page - Ashcroft, Inc.

  E2SC3CF0200CCMM-XNH Datasheet HTML 1Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 2Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 3Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 4Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 5Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 6Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 7Page - Ashcroft, Inc. E2SC3CF0200CCMM-XNH Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. e2s_transducer_ds_RevB_08-17-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
E2S Intrinsically Safe Pressure Transducer
Data Sheet
of 8
8
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracyTM and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®,
Superseal® and VCR®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2s_transducer_ds_RevI_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 8
8
FOR TRANSMITTERS WITH 4-20 mA OUTPUT SIGNAL,
THE MINIMUM VOLTAGE AT THE TERMINAL IS 9 VDC
NOTE: See power supply requirement chart
for maximum supply voltage limits
LOOP SUPPLY VOLTAGE CHART
100
0
200
300
600
500
400
700
800
900
51525
Loop Supply Voltage vs. Loop Resistance
Loop Supply Voltage (Vdc)
Operating Region
VMIN = 9V + (0.022*A x RLOOP) (*includes a 10% safety factor)
RLOOP = RSENSE + RWIRING
RLOOP = Loop Resistance (Ohms)
RSENSE = Sense Resistance (Ohms)
RWIRING = Wire Resistance (Ohms)
V Supply:
Rloop:
Min
9
0
Typ
24
682
Max
30
955
9
Ashcroft’s TruAccuracy™ specification is exclusively based on terminal
point methodology instead of statistically derived schemes like
‘best fit straight line’.
TruAccuracy™ means the Ashcroft E2S has ±0.25% accuracy out
of the box.  Zero and span setting errors are already included in the
±0.25% accuracy spec. 
The E2S is ready to be installed with no additional calibration
adjustments required.
A unit from another manufacturer advertised as ±0.25% best fit
straight line may actually be a ±1.25% to ±2.25% device. Using best
fit straight line method, the accuracy spec does not include zero and
span setting errors, which can be as much as ±1.00% each.
What Does It Mean?



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com