Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV746 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV746
Description  Dual High Speed 짹75V 2.5A Ultrasound Pulser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV746 Datasheet(HTML) 2 Page - Supertex, Inc

  HV746 Datasheet HTML 1Page - Supertex, Inc HV746 Datasheet HTML 2Page - Supertex, Inc HV746 Datasheet HTML 3Page - Supertex, Inc HV746 Datasheet HTML 4Page - Supertex, Inc HV746 Datasheet HTML 5Page - Supertex, Inc HV746 Datasheet HTML 6Page - Supertex, Inc HV746 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV746
Ordering Information
Device
Package Options
48-Lead QFN
7x7mm body, 1.0mm height (max), 0.5mm pitch
HV746
HV746K6-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
SS, Power supply reference
0V
V
LL, Positive logic supply
-0.5V to +7V
V
DD, Positive logic and level translator supply
-0.5V to +14V
(V
PP -VPF) Positive floating gate drive supply
-0.5V to +14V
(V
NF- VNN) Negative gate floating drive supply
-0.5V to +14V
(V
PP-VNN) Differential high voltage supply
+180V
V
PP, High voltage positive supply
-0.5V to +95V
V
NN, High voltage negative supply
+0.5V to -95V
All logic input PIN, NIN and EN pin voltages
-0.5V to +7.0V
OTP, over temperature protection output
-0.5V to +7.0V
(V
SUB - VSS) Substrate to VSS voltage difference
+180V
(V
PP –TXPX) VPP to TXPX voltage difference
+180V
(V
SUB- TXPX) Substrate to TXPX voltage difference
+180V
(TXN
X-VNN ) TXNX to VNN voltage difference
+180V
dV
PP/dt, HV positive supply maximum slew rate
25V/μs
dV
NN/dt, HV negative supply maximum slew rate
25V/μs
Storage temperature
-65°C to 150°C
Thermal resistance, θ
JA
(4-layer,1oz, 4x3in. 9-via PCB)
29°C/W
Thermal resistance, θ
JC
0.5°C/W
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Power-Up Sequence
1V
SUB
2V
LL with logic signal low
3V
DD
4(V
PP –VPF) and (VNF–VNN)
5V
PP and VNN
6
Logic control signals go to hi
Power-Down Sequence
1
Logic control signals go to low
2V
PP and VNN
3(V
PP –VPF) and (VNF–VNN)
4V
DD
5V
LL
6V
SUB
Pin Configuration
Package Marking
48-Lead QFN (K6)
1
48
48-Lead QFN (K6)
(Top View)
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
HV746K6
LLLLLLLLL
YYWW
AAA CCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com