Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT16853 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ABT16853
Description  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT16853 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54ABT16853_07 Datasheet HTML 2Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 3Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 4Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 5Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 6Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 7Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 8Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 9Page - Texas Instruments SN54ABT16853_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN54ABT16853, SN74ABT16853
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS153B – OCTOBER 1992 – REVISED JANUARY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16853
SN74ABT16853
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
t
Pulse duration
LE high or low
8.5
8.5
8.5
ns
tw
Pulse duration
CLR low
4
4
4
ns
t
Setup time
A, B, and PARITY before LE
↓
10
10
10
ns
tsu
Setup time
CLR before LE
↓
0
0
0
ns
th
Hold time
A, B, and PARITY after LE
↓
0
0
0
ns
th
Hold time
CLR after LE
↓
0
0
0
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16853
SN74ABT16853
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1.5
2.5
3.3
1.5
4.2
1.5
4.1
ns
tPHL
A or B
B or A
2
3.1
3.9
2
4.5
2
4.3
ns
tPLH
AorOE
PARITY
2
4.6
5.9
2
7.3
2
7.1
ns
tPHL
A or OE
PARITY
2
4.8
6.2
2
7.6
2
7.2
ns
tPLH
CLR
ERR
2
3.7
5.1
2
5.9
2
5.7
ns
tPZH
OE
AorB
2
3.9
4.9
2
5.8
2
5.6
ns
tPZL
OE
A or B
2.5
4.3
5.1
2.5
6.2
2.5
6
ns
tPHZ
OE
AorB
2
3.6
4.5
2
5.5
2
5.4
ns
tPLZ
OE
A or B
1.5
3
3.8
1.5
4.7
1.5
4.3
ns
tPZH
OE
PARITY
2
3.6
5
2
5.8
2
5.7
ns
tPZL
OE
PARITY
2.5
4.4
5.8
2.5
6.7
2.5
6.5
ns
tPHZ
OE
PARITY
1.5
3.2
4
1.5
4.8
1.5
4.7
ns
tPLZ
OE
PARITY
1.5
2.9
3.7
1.5
4.2
1.5
4.1
ns
tPLH
LE
ERR
2
3.5
4.2
2
5
2
4.8
ns
tPHL
LE
ERR
2
3.4
4.4
2
5.2
2
4.9
ns
tPLH
A B or PARITY
ERR
2
4.5
6.3
2
7.5
2
7.2
ns
tPHL
A, B, or PARITY
ERR
2
4.8
6.3
2
7.7
2
7.4
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com