Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV830 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 2 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc HV830 Datasheet HTML 5Page - Supertex, Inc HV830 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV830
Absolute Maximum Ratings
Ordering Information
-G indicates the package is RoHS compliant - “Green”
Device
Package Option
8-Lead SOIC
HV830
HV830LG
HV830LG-G
Parameter
Value
Supply voltage, V
DD
-0.5 to +10V
Output voltage, V
CS
-0.5 to +120V
Power dissipation
400mW
Storage temperature
-65OC to +150OC
Operating temperature
-25OC to +85OC
Recommended Operating Conditions
Symbol Parameter
Min
Typ
Max
Unit
Conditions
V
DD
Supply voltage
2.0
-
9.5
V
---
f
EL
VA-B output drive frequency
-
-
1.5
KHz
---
T
A
Operating temperature
-25
-
+85
OC
---
DC Electrical Characteristics (V
IN = 3.0V, RSW = 1.0MΩ, REL = 3.3MΩ, TA = 25°C unless otherwise specified)
Symbol Parameter
Min
Typ
Max
Unit
Conditions
R
DS(ON)
ON resistance of switching transistor
-
2.0
4.0
Ω
I = 100mA
V
CS
Output voltage - regulation
90
100
110
V
V
DD = 2.0V to 9.5V
V
A - VB
Output peak-to-peak voltage
180
200
220
V
V
DD = 2.0V to 9.5V
I
DDQ
Quiescent V
DD current - diabled
-
30
-
nA
R
SW-Osc = Low
I
DD
V
DD supply current
-
100
150
µA
V
DD = 3.0V. See Fig.1
I
IN
Input current including inductor current
-
35
40
mA
V
DD = 3.0V. See Fig.1
V
CS
Output voltage on V
CS
-95
-
V
V
DD = 3.0V. See Fig.1
f
EL
V
A - VB output drive frequency
220
250
280
Hz
V
DD = 3.0V. See Fig.1
f
SW
Inductor switching frequency
55
65
75
KHz
V
DD = 3.0V. See Fig.1
D
Switching transistor duty cycle
-
88
-
%
---
Pin Configuration
1
2
3
4
8
7
6
5
VDD
RSW-Osc
CS
LX
REL-Osc
VA
VB
GND
8-Lead SOIC
(top view)
Product Marking
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV830
LLLL
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com