Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV833MG Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV833MG
Description  High Voltage EL Lamp Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV833MG Datasheet HTML 2Page - Supertex, Inc HV833MG Datasheet HTML 3Page - Supertex, Inc HV833MG Datasheet HTML 4Page - Supertex, Inc HV833MG Datasheet HTML 5Page - Supertex, Inc HV833MG Datasheet HTML 6Page - Supertex, Inc HV833MG Datasheet HTML 7Page - Supertex, Inc HV833MG Datasheet HTML 8Page - Supertex, Inc HV833MG Datasheet HTML 9Page - Supertex, Inc HV833MG Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HV833
External Component Description
External Component
Selection Guide Line
Diode
Fast reverse recovery diode, 100V 1N4148 or equivalent.
C
S Capacitor
0.003µF to 0.1µF, 100V capacitor to GND is used to store the energy transferred from the
inductor.
R
EL-Osc
The EL lamp frequency is controlled via an external R
EL resistor connected between REL-Osc
and V
DD pins of the device. The lamp frequency increases as REL decreases. As the EL lamp
frequency increases, the amount of current drawn from the battery will increase and the output
voltage V
CS will decrease. The color of the EL lamp is dependent upon its frequency.
R
SW-Osc
The switching frequency of the converter is controlled via an external resistor, R
SW between
R
SW-Osc and VDD pins of the device. The switching frequency increases as RSW decreases. With
a given inductor, as the switching frequency increases, the amount of current drawn from the
battery will decrease and the output voltage, V
CS, will also decrease.
L
X Inductor
The inductor L
X is used to boost the low input voltage by inductive flyback. When the internal
switch is on, the inductor is being charged. When the internal switch is off, the charge stored
in the inductor will be transferred to the high voltage capacitor C
S. The energy stored in the
capacitor is connected to the internal H-bridge, and therefore to the EL lamp. In general, smaller
value inductors, which can handle more current, are more suitable to drive larger size lamps. As
the inductor value decreases, the switching frequency of the inductor (controlled by R
SW) should
be increased to avoid saturation.
A 220µH Murata (LQH43MN221) inductor with 5.4Ω series DC resistance is typically
recommended. For inductors with the same inductance value but with lower series DC resistance,
a lower R
SW value is needed to prevent high current draw and inductor saturation.
Lamp
As the EL lamp size increases, more current will be drawn from the battery to maintain high
voltage across the EL lamp. The input power, (V
IN x IIN), will also increase. If the input power is
greater than the power dissipation of the package (300mW), an external resistor in series with
one side of the lamp is recommended to help reduce the package power dissipation.
Split Supply Configuration for Battery Voltages of Higher than 6.5V
Enable/Disable Configuration
The HV833 can be easily enabled and disabled via a logic
control signal on the R
SW and REL resistors as shown in the
Typical Application Circuit on the front page. The control sig-
nal can be from a microprocessor. R
SW and REL are typically
very high values. Therefore, only 10’s of microamperes will
be drawn from the logic signal when it is at a logic high (en-
able) state. When the microprocessor signal is high the de-
vice is enabled and when the signal is low, it is disabled.
The Typical Application Circuit on the first page can also be
used with high battery voltages such as 12V as long as the
input voltage, V
DD, to the HV833 device is within its specifi-
cations of 1.8V to 6.5V. Split supply configuration is shown
on Fig. 2.
Enable/Disable Table
Enable Signal
HV833
V
DD
Enable
0V
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com