Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV852K7-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV852K7-G
Description  High Voltage, Low Noise, Inductorless EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV852K7-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV852K7-G Datasheet HTML 1Page - Supertex, Inc HV852K7-G Datasheet HTML 2Page - Supertex, Inc HV852K7-G Datasheet HTML 3Page - Supertex, Inc HV852K7-G Datasheet HTML 4Page - Supertex, Inc HV852K7-G Datasheet HTML 5Page - Supertex, Inc HV852K7-G Datasheet HTML 6Page - Supertex, Inc HV852K7-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV852
Ordering Information
Device
Package Options
8-Lead MSOP
3x3mm body,
1.10mm height (max),
0.65mm pitch
10-Lead DFN
3x3mm body,
0.80mm height (max),
0.50mm pitch
HV852
HV852MG-G
HV852K7-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD,
Supply Voltage
-0.5V to 6.5V
Operating Temperature
-25°C to +85°C
Storage Temperature
-65°C to +150°C
Power Dissipation 8-Lead MSOP
300mW
Power Dissipation 10-Lead DFN
1.6W
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified: T
A = 25ºC, VDD = 3.5V)
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
I
DDQ
Quiescent current
-
-
200
nA
EN = 0V
V
A or VB
Peak output voltage
72
82
92
V
No load
V
A-VB
Peak to Peak output voltage
144
164
184
V
I
DD
Operating current
-
15.2
30
mA
See Figure 1, V
DD = 3.5V,
R
EL = 1.5MΩ, Load = 3.3nF+1KΩ
V
A or VB
Peak output voltage
72
82
92
V
V
A-VB
Peak to Peak output voltage
144
164
184
V
f
EL
EL lamp frequency
210
250
300
Hz
t
rout
Output voltage rise time
-
640
-
µs
1.0in2 lamp, 0V to 90% of final value
Pin Configurations
1
2
3
4
8
7
6
5
8-Lead MSOP
(top view)
GND
VA
VB
CLKEN
VDD
REL
EN
CLKIN
VDD
REL
EN
GND
1
2
3
4
10
9
8
7
VA
VB
56
GND
VDD
CLKEN
CLKIN
10-Lead QFN
(top view)
Note:
Pads are at the bottom of the package.
Center heat slug is at ground potential.
Product Marking
H852
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
H852
LLLL
YYWW
Top Marking
Bottom Marking
10-Lead DFN
8-Lead MSOP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com