Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02MT Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES02MT
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02MT Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES02MT Datasheet HTML 1Page - Balluff Korea Ltd. BES02MT Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Cam Switches
BES 517-311-Y-RK
Order Code: BES02MT
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-91
Subject to change without notice: 281367
ETIM 6.0: EC000030
BES02MT_0.86_2024-09-02
1 / 2
1) Fastening: screw M2
Basic features
Additional features
TNB
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection type
1. Switch position: Screw
terminals
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
1 µF
No-load current Io max., undamped
12 mA
Output resistance Ra
2.0 kOhm + D + LED
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
130 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ready delay tv max.
10 ms
Residual current Ir max.
80 µA
Ripple max. (% of Ue)
15 %
Utilization category
DC -13
Voltage drop static max.
3.5 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
IP rating
IP67, only installed in multiple limit
switches
Interface
Switching output
NPN normally open (NO)
Material
Housing material
PA 6.6
Material sensing surface
PVDF


Similar Part No. - BES02MT

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES02M5 BALLUFF-BES02M5 Datasheet
112Kb / 2P
Inductive Sensors
BES02M8 BALLUFF-BES02M8 Datasheet
111Kb / 2P
Inductive Sensors
BES02MC BALLUFF-BES02MC Datasheet
112Kb / 2P
Inductive Sensors
BES02ML BALLUFF-BES02ML Datasheet
86Kb / 2P
Inductive Sensors
2024-08-30
BES02MN BALLUFF-BES02MN Datasheet
96Kb / 2P
Inductive Sensors
2024-09-02
More results

Similar Description - BES02MT

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com