Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT2D60 Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT2D60
Description  4 Quadrants Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT2D60 Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT2D60 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60 Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADT2D60/80
5 / 6
www.advsemi.com
Feb,2015-Rev.3.01
ADV
Part number
Package
Marking
Packing
Quantity
ADT2D60
TO-92
2D60
Vinyl sack
1000pcs
ADT2D80
TO-92
2D80
Vinyl sack
1000pcs
D
b
e
e1
PACKAGE MECHANICAL DATA
TO-92
Package Dimension
Making Diagram
Ordering information
Symbol
Dimensions In
Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
3.180
4.190
0.125
0.165
A1
1.100
1.400
0.043
0.055
b
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.400
5.200
0.173
0.205
D1
3.430
0.135
E
4.300
5.330
0.169
0.210
e
1.270 TYP
0.050 TYP
e1
2.420
2.660
0.095
0.105
L
12.70
-
0.500
-
Φ
1.600
0.063
h
0.000
0.380
0.000
0.015
ADV
2D60
XXXXH
ADV
:Logo
2D60:Part number(ADT2D60)
X:Internal control code
H:Halogen Free
AD T
ADVANCED
Internal control code
Current:2=2A
Quadrant:D=4Q
Voltage:60=600V 80=800V
Package explain:Blank=TO-92
2 D 60 #



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com