Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT2D60EB Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADT2D60EB
Description  4 Quadrants Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADT2D60EB Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADT2D60EB Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60EB Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60EB Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60EB Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60EB Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADT2D60EB Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
                                      ADT2D60E/80E
 
1 / 6
www.advsemi.com
Feb,2017 -Rev.3.05
ADV
TO-252-2
2.T2
1.T1
3.Gate
Symbol
Items
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Tj = 25°C
ADT2D60E
600
V
VRRM
ADT2D80E
800
V
IT(RMS)
R.M.S On-State Current
TC = 110°C
2
A
ITSM
Surge On-State Current
tp=20ms(50Hz)/tp=16.7ms(60Hz)
16/17
A
I
2t
I
2t for fusing
tp=10ms
3.1
A
2s
dI/dt
Critical rate of rise of on-state
current
F = 120 Hz Tj = 125°C
IG = 2 x IGT , tr ≤ 100 ns
Q1-Q2-Q3
50
A/μs
Q4
10
IGM
Peak Gate Current
tp = 20 μs Tj = 125°C
2
A
PG(AV)
Average Gate Power Dissipation(Tj=125°C)
0.5
W
PGM
Peak Gate Power Dissipation(tp=20us,Tj=125°C)
5
W
Tj
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
4 Quadrants Triacs
General Description
High current density due to mesa technology . the ADT2D triac
series is suitable for general purpose AC switching. They can be
used as an ON/OFF function in applications such as static relays,
heating regulation, Rectifier-fed DC inductive loads e.g.DC motors
and solenoids , motor speed controllers.
Features
Repetitive Peak Off
◆
-State Voltage: 600Vand800V
R.M.S On
◆
-State Current ( IT(RMS)= 2A )
◆
These Devices are Pb-Free and are RoHS Compliant
Absolute Maximum Ratings
1
3
2
2
Scan the QR code to view the latest product information
ADV


Similar Part No. - ADT2D60EB

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADT2D60 ADV-ADT2D60 Datasheet
304Kb / 6P
4 Quadrants Triacs
Feb,2015-Rev.3.01
ADT2D60WL ADV-ADT2D60WL Datasheet
346Kb / 6P
4 Q uadrants Triacs
Jun,2015 -Rev.3.04
More results

Similar Description - ADT2D60EB

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
SemiHow Co.,Ltd.
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
4 Quadrants Sensitive TRIAC
logo
Tiger Electronic Co.,Lt...
Z0107MN TGS-Z0107MN Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com