Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV856 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV856
Description  High Voltage Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV856 Datasheet(HTML) 2 Page - Supertex, Inc

  HV856 Datasheet HTML 1Page - Supertex, Inc HV856 Datasheet HTML 2Page - Supertex, Inc HV856 Datasheet HTML 3Page - Supertex, Inc HV856 Datasheet HTML 4Page - Supertex, Inc HV856 Datasheet HTML 5Page - Supertex, Inc HV856 Datasheet HTML 6Page - Supertex, Inc HV856 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Ordering Information
-G indicates the package is RoHS compliant - “Green”
HV856
Device
Package Option
10-Lead DFN
HV856
HV856K7-G
Parameter
Value
VDD
-0.5 to +7V
SDI, SDK
-0.5 to +7V
I
SW
0.7A peak
V
CS
0.5 to +120V
Power dissipation
1.6W
Storage temperature
-65OC to +150OC
Operating temperature
-40OC to +85OC
Recommended Operating Conditions
Symbol Parameter
Min
Typ
Max
Unit
Conditions
V
DD
Supply voltage
1.8
-
6.5
V
---
I
SW(pk)
Peak switch current
-
-
0.4
A
---
T
A
Operating temperature
-40
-
85
OC
---
Electrical Specifications (unless otherwise specified, T
A = 25
OC, V
DD = 2.6V to 5.5V)
Symbol Parameter
Min
Typ
Max
Unit
Conditions
R
SW
ON resistance of switching
transistor
-4
6
Ω
V
DD = 1.8 to 6.5V, ISW = 100mA
V
CS
Output voltage
95
105
115
V
S1...S9 = 0, V
DD = 1.8 to 6.5V, no load
V
LAMP
Differential lamp voltage
190
210
230
V
V
COM to any EL, no load, code* = 111
I
DD
V
DD supply current
0.01
0.15
0.25
mA
V
CS = 20V, no load, PWR_ON = 1
I
CS
V
CS supply current
10
50
100
μA
V
CS = 75V, no load
I
DDQ
V
DD leakage current when
disabled
-
100
150
nA
S1...S9 = 0, SCK and SDI can be tied
to V
DD or GND
f
SW
Inductor switching frequency
108.8
128
147.2
kHz
See Fig.1
f
EL
Lamp frequency
425
500
575
Hz
For all codes except code* = 000
V
LOW
Logic pin input Low level
-0.5
0
0.2V
DD
V-
V
HIGH
Logic pin input High level
0.8V
DD
V
DD
V
DD + 0.5
V
-
I
LOGIC
Logic pin input current
-0.1
0
0.1
μA
0 < V
DD < 7V
I
IN
Inductor current
-
60
70
mA
See Fig.1 V
DD
= V
IN = 3V,
total lamp size = 3.0in2 (1.0in2 each)
10-bit SDI serial code = 1111111111
V
CS
Output voltage
-
94.3
-
V
f
EL
Lamp frequency
-
500
-
Hz
HV856 Pin Configuration
EL3
2
3
4
5
10-Lead DFN
(top view)
CS
COM
1
EL1
EL2
HV856K7
LX
GND
SDI
SCK
VDD
7
8
9
10
6
Note: The pads are at the bottom of the package. The center heat slug is
at ground potential.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com