Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV0140-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBV0140-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV0140-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBV0140-HF Datasheet HTML 1Page - Comchip Technology CDBV0140-HF Datasheet HTML 2Page - Comchip Technology CDBV0140-HF Datasheet HTML 3Page - Comchip Technology CDBV0140-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Diode
Rating and Characteristic Curves (CDBV0140-HF)
0
50
100
150
200
250
0
125
25
50
75
100
Ambient Temperature, Ta (°C)
Fig.4 - Power Derating Curve
0
0
10
20
30
40
50
5
10
15
20
Reverse Voltage, VR (V)
Fig.3 - Capacitance Characteristics
Ta=25°C
f=1MHz
10
100
100000
1000
10000
0
10
20
30
40
Reverse Voltage, VR (V)
Fig.2 - Reverse Characteristics
0
0.1
0.2
0.3
0.6
0.4
0.5
1
10
100
Forward Voltage, VF (V)
Fig.1 - Forward Characteristics
Ta=100°C
Ta=25°C
Ta=100°C
Ta=25°C
Comchip Technology CO., LTD.
REV:A
Page 2
QW-JA019



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com