Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV220-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBV220-HF
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV220-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBV220-HF Datasheet HTML 1Page - Comchip Technology CDBV220-HF Datasheet HTML 2Page - Comchip Technology CDBV220-HF Datasheet HTML 3Page - Comchip Technology CDBV220-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (CDBV220-HF)
SMD Schottky Barrier Diodes
Fig.1 - Power Derating Curve
0
0
75
50
100
125
200
300
25
100
250
150
50
Ambient Temperature, Ta (°C)
Fig.3 - Forward Characteristics
0.01
0.1
0
600
200
400
2
1
Forward Voltage, VF (mV)
100
300
500
TA = 25°C
TA = 100°C
Reverse Voltage, VR (V)
0
10
100
300
0
20
5
200
150
50
15
Fig.2 - Capacitance Characteristics
Fig.4 - Reverse Characteristics
Reverse Voltage, VR (V)
0.001
0
30
5
1
0.01
0.1
10
10
TA=25°C
f=1MHz
250
20
25
15
TA = 100°C
TA = 25°C
QW-JB101
Page 2
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com