Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P4 Datasheet(PDF) 68 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 64Page - Texas Instruments AM263P4 Datasheet HTML 65Page - Texas Instruments AM263P4 Datasheet HTML 66Page - Texas Instruments AM263P4 Datasheet HTML 67Page - Texas Instruments AM263P4 Datasheet HTML 68Page - Texas Instruments AM263P4 Datasheet HTML 69Page - Texas Instruments AM263P4 Datasheet HTML 70Page - Texas Instruments AM263P4 Datasheet HTML 71Page - Texas Instruments AM263P4 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 164 page
background image
Table 5-95. PRU-ICSS GPIO Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
PR0_PRU1_GPIO2
IO
PRU1 General Purpose Input/Output
E17
E17
E17
PR0_PRU1_GPIO3
IO
PRU1 General Purpose Input/Output
E18
E18
E18
PR0_PRU1_GPIO4
IO
PRU1 General Purpose Input/Output
F16
F16
F16
PR0_PRU1_GPIO5
IO
PRU1 General Purpose Input/Output
F15
F15
F15
PR0_PRU1_GPIO6
IO
PRU1 General Purpose Input/Output
E16
E16
E16
PR0_PRU1_GPIO7
IO
PRU1 General Purpose Input/Output
A16
A16
A16
PR0_PRU1_GPIO8
IO
PRU1 General Purpose Input/Output
D18
D18
D18
PR0_PRU1_GPIO9
IO
PRU1 General Purpose Input/Output
C18
C18
C18
PR0_PRU1_GPIO10
IO
PRU1 General Purpose Input/Output
D17
D17
D17
PR0_PRU1_GPIO11
IO
PRU1 General Purpose Input/Output
B18
B18
B18
PR0_PRU1_GPIO12
IO
PRU1 General Purpose Input/Output
B17
B17
B17
PR0_PRU1_GPIO13
IO
PRU1 General Purpose Input/Output
D16
D16
D16
PR0_PRU1_GPIO14
IO
PRU1 General Purpose Input/Output
C17
C17
C17
PR0_PRU1_GPIO15
IO
PRU1 General Purpose Input/Output
A17
A17
A17
PR0_PRU1_GPIO16
IO
PRU1 General Purpose Input/Output
C16
C16
C16
PR0_PRU1_GPIO17
IO
PRU1 General Purpose Input/Output
D13
D13
D13
PR0_PRU1_GPIO18
IO
PRU1 General Purpose Input/Output
C15
C15
C15
PR0_PRU1_GPIO19
IO
PRU1 General Purpose Input/Output
D15
D15
D15
Table 5-96. PRU-ICSS IEP Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
PR0_IEP0_EDC_SYNC_OUT0
O
PRU-ICSS Industrial Ethernet Distributed Clock Sync
Output
D15
D15
D15
PR0_IEP0_EDC_SYNC_OUT1
O
PRU-ICSS Industrial Ethernet Distributed Clock Sync
Output
A16
A16
A16
PR0_IEP0_EDIO_DATA_IN_O
UT30
IO
PRU-ICSS Industrial Ethernet Digital I/O Data Input/
Output
D13
D13
D13
PR0_IEP0_EDIO_DATA_IN_O
UT31
IO
PRU-ICSS Industrial Ethernet Digital I/O Data Input/
Output
C15
C15
C15
Table 5-97. PRU-ICSS MDIO Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
PR0_MDIO0_MDC
O
PRU-ICSS MDIO Clock
L18
L18
L18
PR0_MDIO0_MDIO
IO
PRU-ICSS MDIO Data
L17
L17
L17
Table 5-98. PRU-ICSS UART Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
PR0_UART0_CTSn
I
PRU-ICSS UART Clear to Send (Active Low)
F17
F17
F17
PR0_UART0_RTSn
O
PRU-ICSS UART Request to Send (Active Low)
G18
G18
G18
PR0_UART0_RXD
I
PRU-ICSS UART Receive Data
C18
C18
C18
PR0_UART0_TXD
O
PRU-ICSS UART Transmit Data
D17
D17
D17
5.3.20 SDFM
Table 5-99. SDFM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SDFM0_CLK0
I
SDFM Channel 0 Clock
B16
B16
B16
SDFM0_CLK1
I
SDFM Channel 1 Clock
A16
A16
A16
SDFM0_CLK2
I
SDFM Channel 2 Clock
B15
B15
B15
SDFM0_CLK3
I
SDFM Channel 3 Clock
A15
A15
A15
SDFM0_D0
I
SDFM Channel 0 Data
D14
D14
D14
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
68
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com