Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC0136 Datasheet HTML 14Page - Texas Instruments AMC0136 Datasheet HTML 15Page - Texas Instruments AMC0136 Datasheet HTML 16Page - Texas Instruments AMC0136 Datasheet HTML 17Page - Texas Instruments AMC0136 Datasheet HTML 18Page - Texas Instruments AMC0136 Datasheet HTML 19Page - Texas Instruments AMC0136 Datasheet HTML 20Page - Texas Instruments AMC0136 Datasheet HTML 21Page - Texas Instruments AMC0136 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
7.2.1 Design Requirements
Table 7-1 lists the parameters for this typical application.
Table 7-1. Design Requirements
PARAMETER
VALUE
Nominal DC link voltage
48V
Linear voltage sensing range (VFSR)
60V
Voltage drop across the sensing resistor (RSNS) for a linear response
1V
Maximum current through the resistive divider, ICROSS, at linear full-scale voltage
100µA
7.2.2 Detailed Design Procedure
The 100μA cross-current requirement at the maximum system voltage (60V) determines that the total
impedance of the resistive divider is 600kΩ. The impedance of the resistive divider is dominated by R1, thus
neglecting the voltage drop across RSNS for a moment is acceptable. The closest value to 600kΩ from the E96
series is 604kΩ. This value is for R1.
The linear full-scale input voltage (VFSR) of the AMC0136 is 1V. RSNS is sized to produce a 1V drop at the
maximum system voltage of 60V. RSNS is calculated as RSNS = VFSR / (VDC-link, max – VFSR) × R1. The resulting
value is 10.24kΩ and the closest value from the E96 series is 10.2kΩ.
Table 7-2 summarizes the design parameters for this application.
Table 7-2. Design Summary
PARAMETER
VALUE
R1 resistor value
604kΩ
Sense resistor value (RSNS)
10.2kΩ
Resulting current through resistive divider (ICROSS at 60V)
97.7μA
Resulting full-scale voltage drop across sense resistor (RSNS)
996mV
Total power dissipated in resistive divider
5.9mW
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com