Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256LE Datasheet(PDF) 66 Page - STMicroelectronics

Part # M58PR256LE
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M58PR256LE Datasheet HTML 62Page - STMicroelectronics M58PR256LE Datasheet HTML 63Page - STMicroelectronics M58PR256LE Datasheet HTML 64Page - STMicroelectronics M58PR256LE Datasheet HTML 65Page - STMicroelectronics M58PR256LE Datasheet HTML 66Page - STMicroelectronics M58PR256LE Datasheet HTML 67Page - STMicroelectronics M58PR256LE Datasheet HTML 68Page - STMicroelectronics M58PR256LE Datasheet HTML 69Page - STMicroelectronics M58PR256LE Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 119 page
background image
Program and erase times and endurance cycles
M58PR256LE, M58PR512LE, M58PR001LE
66/119
13
Program and erase times and endurance cycles
The program and erase times and the number of program/ erase cycles per block are shown
in Table 23. Exact erase times may change depending on the memory array condition. The
best scenario is when all the bits in the block are at ‘0’ (pre-programmed). The worst
scenario is when all the bits in the block are at ‘1’ (not preprogrammed). Usually, the system
overhead is negligible with respect to the Erase time. In the M58PRxxxLE the maximum
number of program/erase cycles depends on the VPP voltage supply used.
Table 23.
Program/erase times and endurance cycles(1) (2)
Parameter
Condition
Min
Typ
Typical after
100 kW/E
cycles
Max
Unit
Erase
EFA block (4 KWord)
0.7
2.5
s
Main array block 128 KWord)
0.9
4
s
Program(3)
Single cell(4)
Word Program(5)
50
230
µs
Buffer Program
250
500
µs
Single word(4)
Word Program(5)
50
230
µs
Buffer Program
250
500
µs
Buffer (512 words) (Buffer
Program)
2.15
4.3
ms
EFA block (4 KWord)
0.2
0.94
s
Main array block (128 KWord)
(Buffer Program)
0.55
1.1
s
Suspend Latency
Program
20
30
µs
Erase
20
30
µs
Program/Erase
cycles (per block)
Main array block
100 000
cycles
EFA block
100 000
Blank Check
Main array block
3.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com