Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBZC0130L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBZC0130L-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZC0130L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBZC0130L-HF Datasheet HTML 1Page - Comchip Technology CDBZC0130L-HF Datasheet HTML 2Page - Comchip Technology CDBZC0130L-HF Datasheet HTML 3Page - Comchip Technology CDBZC0130L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (CDBZC0130L-HF)
0
15
10
20
0
4
10
5
25
30
Reverse Voltage, (V)
Fig.3 - Capacitance Between
Terminals Characteristics
f = 1 MHz
Ta = 25°C
Reverse Voltage, (V)
Fig.2 - Reverse Characteristics
200
400
0
1
100
500
0
600
300
100
10
Forward Voltage, (mV)
Fig.1 - Forward Characteristics
0
20
40
60
80
100
0
25
50
75
100
125
Ambient Temperature, (°C)
Fig.4 - Current Derating Curve
2
6
8
Small Signal Schottky Diodes
TJ= 75°C
TJ= 50°C
TJ= 100°C
TJ=125°C
0
10
20
25
30
15
5
0
10
1,000
100
1
TJ=25°C
TJ=50°C
TJ=75°C
TJ=125°C
700
TJ=25°C
TJ=100°C
Page 2
REV:C
Comchip Technology CO., LTD.
QW-G1123
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com