Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256LE96ZB5 Datasheet(PDF) 114 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 110Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 111Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 112Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 113Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 114Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 115Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 116Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 117Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 119 page
background image
Command interface state tables
M58PR256LE, M58PR512LE, M58PR001LE
114/119
WP in
ES or
EFA
Block
WP in
ES
setup
WP busy in ES
N/A
busy
WP busy in ES
IS
WP busy in ES
ES
IS in
program
busy in ES
WP busy in ES
WP busy in
ES
IS in ES
suspend
WP
suspend is
ES (error
bits
cleared)
WP
suspend
in ES
IS in WP suspend in ES
WP suspend in ES
N/A
IS in PS in
ES
WP suspend in ES
WP
suspend in
ES
BP in ES
setup
BP load 1 in ES (give word count load (N-1))
N/A
BP load 1
if N=0 go to BP confirm in ES else go to BP load 2 in ES (data load)
BP load 2
BP confirm in ES when count = 0 else BP load 2 in ES
BP confirm
when
count = 0
else BP
load 2
BP confirm
ready (sequence error) in ES
BP busy
BP busy in ES
IS in BP busy in ES
IS
BP busy in ES
ES
IS in BP busy
in ES
BP busy in ES
IS in ES
BP suspend
BP
suspend in
ES (error
bits
cleared)
BP
suspend
is ES
IS in BP suspend in ES
BP suspend in ES
N/A
IS in BP
suspend in
ES
BP suspend in ES
BP
suspend in
ES
Lock/CR/ECR setup in
ES
ES (sequence error)
ES (lock
block)
ES (lock
down)
ES
ES (lock
error)
N/A
Lock EFA block setup
in ES
ES
(sequence
error)
Blank
Check
setup
ready (sequence error)
ready
(error)
blank check
busy
BC busy
IS in BC busy
IS
BC busy
ready
IS in blank
check busy
BC busy
BC busy
IS ready
BEFP
Mode
setup
ready (sequence error)
N/A
BEFP Busy
BEFP program and verify busy (in block address given matches on BEFP setup command).
Commands treated as data
BEFP busy
ready
Table 54.
Command interface states - modify table, next state 2 (continued)
Current chip state
command input to chip and resulting chip next state
Clear SR Read ID
Lock, CR,
ECR
Setup
Lock EFA
Setup
Blank
Check
Setup
OTP
Setup
Block
Lock
Confirm
Lock-
down
Confirm
Write
CR/ECR
Confirm
Illegal
Cmd or
BEFP
Data
WSM
Operation
Complete
50h
90h 98h
60h
64h
BCh
C0h
01h
2Fh
03h 04h
others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com