Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256LE96ZB5 Datasheet(PDF) 118 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 111Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 112Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 113Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 114Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 115Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 116Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 117Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 118Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 119 page
background image
Revision history
M58PR256LE, M58PR512LE, M58PR001LE
118/119
17
Revision history
Table 57.
Document revision history
Date
Revision
Changes
28-Apr-2006
0.1
Initial release.
15-May-2006
0.2
1Gb density (M58PR001LE part number) added.
VPP range for application environment changed in Table 25:
Operating and AC measurement conditions.
IPP1 unit changed in Table 27: DC characteristics - currents.
14-Nov-2006
1
Document status promoted from Target Specification to Preliminary
Data.
Address lines modified in Figure 11: Asynchronous page read AC
waveforms. VPP max value modified in Table 24: Absolute maximum
ratings. Small text changes.
06-Sep-2007
2
Modified Section 4.18: Set Enhanced Configuration Register
command and Section 4.22: Suspend EFA Block command.
Updated Table 23: Program/erase times and endurance cycles,
Table 24: Absolute maximum ratings, Table 27: DC characteristics -
currents, Table 29: Asynchronous read AC characteristics, and
Table 31: Write AC characteristics, write enable controlled.
Added tLLTV timing in Table 30: Synchronous read AC characteristics
and Figure 13: Single synchronous read AC waveforms.
Modified Figure 24: Erase suspend and resume flowchart and
pseudocode.
Document status promoted from Preliminary Data to Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com