Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1462 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1462
Description  High Output Current Charge Pump Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1462
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Notes:
1) This device is ESD sensitive. Use of standard ESD handlng precautions is required.
2) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
-0.3 to +6.0
V
Output Voltage
V
OUT
-0.3 to +12
V
V
OUT Short Circuit Duration
SC
Indefinite
Thermal Resistance Junction to Ambient(2)
θ
JA
230
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Peak IR Flow Temperature, SC1462ISKTR
T
LEAD
240
°C
Peak IR Flow Temperature, SC1462ISKTRT
T
LEAD
260
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage
V
IN
1.65
5.5
V
Input Supply Current
I
IN
I
OUT = 0, VIN = 2.5V
140
260
μA
I
OUT = 0, VIN = 3.6V
200
400
μA
SHDN = V
IN
0.1
1
μA
Ouput Resistance(1)
R
OUT
V
IN = 2.5V
9.5
13.5
Ω
Output Resistance(1)
R
OUT
V
IN = 3.6V
7.5
10.5
Ω
Total Switch Resistance(2)
R
SW
V
IN = 2.5V
3
4.5
Ω
Total Switch Resistance(2)
R
SW
V
IN = 3.6V
2
3
Ω
Output Current
I
OUT
V
IN = 2.5V
80
mA
V
IN = 3.6V
80
mA
Oscillator Frequency
f
OSC
100
160
200
kHz
Absolute Maximum Ratings(1)
Electrical Characteristics
Unless specified:
T
A = -40°C to 85°C, SHDN = GND, 1.65V ≤ VIN ≤ 5.5V, Frequency =160kHz, CIN = COUT = CBUCKET = 3.3μF (ESR = 0.3Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com