Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600AIMSTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC600AIMSTR
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600AIMSTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC600AIMSTR Datasheet HTML 1Page - Semtech Corporation SC600AIMSTR Datasheet HTML 2Page - Semtech Corporation SC600AIMSTR Datasheet HTML 3Page - Semtech Corporation SC600AIMSTR Datasheet HTML 4Page - Semtech Corporation SC600AIMSTR Datasheet HTML 5Page - Semtech Corporation SC600AIMSTR Datasheet HTML 6Page - Semtech Corporation SC600AIMSTR Datasheet HTML 7Page - Semtech Corporation SC600AIMSTR Datasheet HTML 8Page - Semtech Corporation SC600AIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Unless otherwise specified: T
A = -40°C to +85°C, CIN = CBUCKET = 1.0µF (ESR = 0.1Ω), COUT 1.0µF (ESR = 0.1Ω), VIN = 2.85V to 5.5V
(1)
.
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
-0.3 to +7.0
V
Output Voltage
V
OUT
-0.3 to +7.0
V
V
OUT Short Circuit Duration
sc
Indefinite
s
Thermal Resistance, Junction to Ambient(2)
θ
JA
49 (MLPD), 216 (MSOP)
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Junction Temperature Range
T
J
-40 to +150
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature SC600_IMSTRT
T
LEAD
260
°C
Lead Temperature SC600_IMSTR
T
LEAD
240
°C
IR Reflow Temperature SC600_IMLTRT
T
LEAD
260
°C
IR Reflow Temperature SC600_IMLTR
T
LEAD
240
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply Voltage
V
IN
2.5
6.5
V
Quiescent Current
I
Q
Freq. = 8kHz, I
OUT = 0mA, VIN = 3.7V
230
380
μA
Freq. = 32kHz, I
OUT = 0mA, VIN = 3.7V
280
470
Freq. = 262kHz, I
OUT = 0mA, VIN = 3.7V
800
1200
Freq. = 650kHz, I
OUT = 0mA, VIN = 3.7V
1.6
2.5
mA
Enable = 0
1
μA
Output Voltage
V
OUT
Version A, Static Load Regulation
Freq. = 262kHz or 650kHz(2), I
OUT = 0 to 60mA
4.75
5.0
5.25
V
Version B, Static Load Regulation
Freq. = 262kHz or 650kHz(2), I
OUT = 0 to 120mA
4.275
4.5
4.725
Version C, Static Load Regulation
Freq. = 262kHz or 650kHz(2), I
OUT = 0 to 60mA
4.275
4.5
4.725
Version D, Static Load Regulation
Freq. = 262kHz or 650kHz(2), I
OUT = 0 to 120mA
3.8
4.0
4.2
Absolute Maximum Ratings(1)
Electrical Characteristics
Notes:
1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
2) Calculated from package in still air, mounted to 3”x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com