Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC600DIMSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC600DIMSTR
Description  mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC600DIMSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC600DIMSTR Datasheet HTML 1Page - Semtech Corporation SC600DIMSTR Datasheet HTML 2Page - Semtech Corporation SC600DIMSTR Datasheet HTML 3Page - Semtech Corporation SC600DIMSTR Datasheet HTML 4Page - Semtech Corporation SC600DIMSTR Datasheet HTML 5Page - Semtech Corporation SC600DIMSTR Datasheet HTML 6Page - Semtech Corporation SC600DIMSTR Datasheet HTML 7Page - Semtech Corporation SC600DIMSTR Datasheet HTML 8Page - Semtech Corporation SC600DIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC600
Pin#
Pin Name
Pin Function
1
VOUT
Output voltage regulated to 5.0V, 4.5V, or 4.0V.
2
CF1+
Positive terminal of bucket capacitor 1.
3
VIN
Input voltage ranging from 2.5V to 6.5V.
4
CD4
Bits select the charge pump operating frequency from 8kHz, 32kHz, 262kHz, and 650kHz.
Frequency selection is defined in Table 1 on page 9.
5
CX8
6
EN
Active high enable. Bias current is less than 1μA when set low.
7
CF2-
Negative terminal of bucket capacitor 2.
8
GND
Ground.
9
CF1-
Negative terminal of buck capacitor 1.
10
CF2+
Positive terminal of bucket capacitor 2.
Pin Descriptions
EN
CX8
CD4
GND
VIN
6
5
4
8
3
MODE
SELECT
DRIVERS
SWITCH
BLOCK
TIMER
COMPARATORS
VIN
VOUT
VREF
CX8
CD4
VIN
CF1+
CF1-
CF2+
CF2-
VOUT
2
9
10
7
1
EN
OSC
CLK/16
CLK/8
262kHz
650kHz
X
X
X
X
A
B
X
650kHz, 262kHz, 32kHz, or 8kHz
0
1
2
3
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com