Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC486EVB
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC486EVB Datasheet HTML 17Page - Semtech Corporation SC486EVB Datasheet HTML 18Page - Semtech Corporation SC486EVB Datasheet HTML 19Page - Semtech Corporation SC486EVB Datasheet HTML 20Page - Semtech Corporation SC486EVB Datasheet HTML 21Page - Semtech Corporation SC486EVB Datasheet HTML 22Page - Semtech Corporation SC486EVB Datasheet HTML 23Page - Semtech Corporation SC486EVB Datasheet HTML 24Page - Semtech Corporation SC486EVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Layout Guidelines (Cont.)
In Figure 8, all components referenced to VSSA have been placed and have been connected using a 0.020” trace.
Decoupling capacitor C12 is as close as possible to VCCA and VSSA and the VDDP decoupling capacitor C18 is as
close as possible to VDDP and PGND1. The feedback components R5, R8 and C1 along with the VDDQ sense
components, R4 and C2 are also located at the chip and the feedback trace from the VDDQ output should route
from the top of the output capacitors (C13 and C14) in a quiet layer back to these components. In Figure 8, the
VDDQ feedback trace would connect to the red trace.
+
C14
220u/15m
+
C13
220u/15m
VDDQ
R4 10R
C2
1u
R5 4k64
R8
23k2
C1
no-pop
PGND1
18
REF
8
EN/PSV
1
TON
2
VDDQS
3
VCCA
5
FB
6
PGD
7
VSSA
4
PGND2
17
DL
19
VDDP
20
ILIM
21
LX
22
DH
23
BST
24
VTTEN
11
VTT
15
PGND2
16
VTTIN
12
VTTIN
13
VTT
14
VTTS
10
COMP
9
PAD
U1
SC486
VDDQ FEEDBACK
Figure 9: VDDQ Feedback and Sense Components and Feedback Trace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com